Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2SA Fiches technique(PDF) 79 Page - Texas Instruments

No de pièce TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Fiches technique(HTML) 79 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 75Page - Texas Instruments TDA2SA Datasheet HTML 76Page - Texas Instruments TDA2SA Datasheet HTML 77Page - Texas Instruments TDA2SA Datasheet HTML 78Page - Texas Instruments TDA2SA Datasheet HTML 79Page - Texas Instruments TDA2SA Datasheet HTML 80Page - Texas Instruments TDA2SA Datasheet HTML 81Page - Texas Instruments TDA2SA Datasheet HTML 82Page - Texas Instruments TDA2SA Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
79
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
AF23
ddr1_d6
AG18
hdmi1_data1x
AG10
sata1_txn0
AF20
ddr1_rasn
V26
ddr1_dqm_ec
c
V20
ddr1_d16
G25
ddr2_d1
AH13
pcie_rxp0
AC18
ddr1_casn
AG9
sata1_rxp0
AH23
ddr1_csn0
AE11
usb2_dp
R25
ddr2_a0
Y24
ddr1_d28
AH15
ljcb_clkn
AD20
ddr1_a0
AA25
ddr1_d30
L23
ddr2_d19
AD14
rtc_osc_xo
J25
ddr2_d13
AC25
ddr1_d13
AB23
ddr1_dqm1
U22
ddr2_a15
T22
ddr2_a13
AH19
hdmi1_data2y
M26
ddr2_d31
AB27
ddr1_d22
AG14
pcie_txn0
Y28
ddr1_dqs3
J20
ddr2_d23
AB19
ddr1_a3
AH10
sata1_txp0
G28
ddr2_dqs0
AG24
ddr1_ck
AE24
ddr1_d5
AC15
xi_osc1
AC21
ddr1_a12
K28
ddr2_dqsn2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More