| Moteur de recherche de fiches techniques de composants électroniques |
|
CC115LRGPR Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC115LRGPR Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 74 page ![]() CC115L www.ti.com SWRS105B – MAY 2011 – REVISED JUNE 2014 Table 5-12. GDOx Signal Selection (x = 0, 1, or 2) (continued) GDOx_CFG Description [5:0] 48 (0x30) CLK_XOSC/1 Note: There are 3 GDO pins, but only one CLK_XOSC/n can be selected as an output at any 49 (0x31) CLK_XOSC/1.5 time. If CLK_XOSC/n is to be monitored on one of 50 (0x32) CLK_XOSC/2 the GDO pins, the other two GDO pins must be configured to values less than 0x30. The GDO0 51 (0x33) CLK_XOSC/3 default value is CLK_XOSC/192. 52 (0x34) CLK_XOSC/4 To optimize RF performance, these signals should not be used while the radio is in TX mode. 53 (0x35) CLK_XOSC/6 54 (0x36) CLK_XOSC/8 55 (0x37) CLK_XOSC/12 56 (0x38) CLK_XOSC/16 57 (0x39) CLK_XOSC/24 58 (0x3A) CLK_XOSC/32 59 (0x3B) CLK_XOSC/48 60 (0x3C) CLK_XOSC/64 61 (0x3D) CLK_XOSC/96 62 (0x3E) CLK_XOSC/128 63 (0x3F) CLK_XOSC/192 Copyright © 2011–2014, Texas Instruments Incorporated Detailed Description 39 Submit Documentation Feedback Product Folder Links: CC115L |