Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC115LRGP Fiches technique(PDF) 39 Page - Texas Instruments

No de pièce CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Fiches technique(HTML) 39 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 35Page - Texas Instruments CC115LRGP Datasheet HTML 36Page - Texas Instruments CC115LRGP Datasheet HTML 37Page - Texas Instruments CC115LRGP Datasheet HTML 38Page - Texas Instruments CC115LRGP Datasheet HTML 39Page - Texas Instruments CC115LRGP Datasheet HTML 40Page - Texas Instruments CC115LRGP Datasheet HTML 41Page - Texas Instruments CC115LRGP Datasheet HTML 42Page - Texas Instruments CC115LRGP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
Table 5-12. GDOx Signal Selection (x = 0, 1, or 2) (continued)
GDOx_CFG
Description
[5:0]
48 (0x30)
CLK_XOSC/1
Note: There are 3 GDO pins, but only one
CLK_XOSC/n can be selected as an output at any
49 (0x31)
CLK_XOSC/1.5
time. If CLK_XOSC/n is to be monitored on one of
50 (0x32)
CLK_XOSC/2
the GDO pins, the other two GDO pins must be
configured to values less than 0x30. The GDO0
51 (0x33)
CLK_XOSC/3
default value is CLK_XOSC/192.
52 (0x34)
CLK_XOSC/4
To optimize RF performance, these signals should
not be used while the radio is in TX mode.
53 (0x35)
CLK_XOSC/6
54 (0x36)
CLK_XOSC/8
55 (0x37)
CLK_XOSC/12
56 (0x38)
CLK_XOSC/16
57 (0x39)
CLK_XOSC/24
58 (0x3A)
CLK_XOSC/32
59 (0x3B)
CLK_XOSC/48
60 (0x3C)
CLK_XOSC/64
61 (0x3D)
CLK_XOSC/96
62 (0x3E)
CLK_XOSC/128
63 (0x3F)
CLK_XOSC/192
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
39
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74