| Moteur de recherche de fiches techniques de composants électroniques |
|
HCF4538 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4538 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 14 page ![]() Notes : 1. A Retriggerable one-shot multivibrator has an output pulse width which is extended on full time period (T) after application of the last trigger pulse. 2. A Non-retriggerable one-shot multivibrator has a time period (T) referenced from the application of the first trigger pulse. LOGIC DIAGRAM (1/2 of device shown) TABLE 1: Functional Terminal Connections Function VDD to Term. NO VSS to Term. NO Input Pulse to Term. No Other Connections Mono (1) Mono (2) Mono (1) Mono (2) Mono (1) Mono (2) Mono (1) Mono (2) Leading-Edge Trigger/Retriggerable 3, 5 11, 13 4 12 Leading-Edge Trigger/Non-retriggerable 3 13 4 12 5, 7 11, 9 Trailing-Edge Trigger/Retriggerable 313 4 12 511 Trailing-Edge Trigger/Non-retriggerable 3 13 5 11 4, 6 12, 10 Pulse Width HCC/HCF4538B 3/14 |