Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TUSB8041RGCT Fiches technique(PDF) 47 Page - Texas Instruments

No de pièce TUSB8041RGCT
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041RGCT Fiches technique(HTML) 47 Page - Texas Instruments

Back Button TUSB8041RGCT Datasheet HTML 41Page - Texas Instruments TUSB8041RGCT Datasheet HTML 42Page - Texas Instruments TUSB8041RGCT Datasheet HTML 43Page - Texas Instruments TUSB8041RGCT Datasheet HTML 44Page - Texas Instruments TUSB8041RGCT Datasheet HTML 45Page - Texas Instruments TUSB8041RGCT Datasheet HTML 46Page - Texas Instruments TUSB8041RGCT Datasheet HTML 47Page - Texas Instruments TUSB8041RGCT Datasheet HTML 48Page - Texas Instruments TUSB8041RGCT Datasheet HTML 49Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TUSB8041IRGCR
VQFN
RGC
64
2000
330.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB8041IRGCRG4
VQFN
RGC
64
2000
330.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB8041IRGCT
VQFN
RGC
64
250
180.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB8041RGCR
VQFN
RGC
64
2500
330.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB8041RGCRG4
VQFN
RGC
64
2500
330.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB8041RGCT
VQFN
RGC
64
250
180.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49