Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TUSB322I Fiches technique(PDF) 29 Page - Texas Instruments

No de pièce TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Fiches technique(HTML) 29 Page - Texas Instruments

Back Button TUSB322I_V01 Datasheet HTML 25Page - Texas Instruments TUSB322I_V01 Datasheet HTML 26Page - Texas Instruments TUSB322I_V01 Datasheet HTML 27Page - Texas Instruments TUSB322I_V01 Datasheet HTML 28Page - Texas Instruments TUSB322I_V01 Datasheet HTML 29Page - Texas Instruments TUSB322I_V01 Datasheet HTML 30Page - Texas Instruments TUSB322I_V01 Datasheet HTML 31Page - Texas Instruments TUSB322I_V01 Datasheet HTML 32Page - Texas Instruments TUSB322I_V01 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
8 Layout
8.1 Layout Guidelines
1. An extra trace (or stub) is created when connecting between more than two points. A trace connecting pin
A6 to pin B6 will create a stub because the trace also has to go to the USB Host. Ensure that:
• A stub created by short on pin A6 (DP) and pin B6 (DP) at Type-C receptacle does not exceed 3.5 mm.
• A stub created by short on pin A7 (DM) and pin B7 (DM) at Type-C receptacle does not exceed 3.5 mm.
2. A 100-nF capacitor should be placed as close as possible to the TUSB322I VDD pin.
8.2 Layout Example
Figure 8-1. TUSB322I Layout
www.ti.com
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37