Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TUSB321 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TUSB321
Description  TUSB321 USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TUSB321 Datasheet HTML 2Page - Texas Instruments TUSB321 Datasheet HTML 3Page - Texas Instruments TUSB321 Datasheet HTML 4Page - Texas Instruments TUSB321 Datasheet HTML 5Page - Texas Instruments TUSB321 Datasheet HTML 6Page - Texas Instruments TUSB321 Datasheet HTML 7Page - Texas Instruments TUSB321 Datasheet HTML 8Page - Texas Instruments TUSB321 Datasheet HTML 9Page - Texas Instruments TUSB321 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
TUSB321
SLLSEO6C – JUNE 2015 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: TUSB321
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Rp_cm_med
External pull-up resistor on CURRENT_MODE pin to
advertise 1.5-A current
500
Rp_cm_high
External pull-up resistor on CURRENT_MODE pin to
advertise 3.0-A current
10
VBUS_DET IO Pins (Connected to System VBUS signal through external resistor)
VBUS_THR
VBUS threshold range
2.95
3.30
3.80
V
RVBUS
External resistor between VBUS and VBUS_DET pin
855
887
920
RVBUS_PD
Internal pulldown resistance for VBUS_DET
95
DIR pin (Open Drain IO)
VOL
Low-level signal output voltage
IOL = –1.6 mA
0.4
V
VCONN
RON
On resistance of the VCONN power FET
1.25
Ω
VTOL
Voltage tolerance on VCONN power FET
5.5
V
VPASS
Voltage to pass through VCONN power FET
5.5
V
IVCONN
VCONN current limit; VCONN is disconnected above this
value
200
mA
CBULK
Bulk capacitance on VCONN; placed on VDD supply
10
200
µF
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tCCCB_DEFAULT
Power on default of CC1 and CC2 voltage debounce time
133
ms
tVBUS_DB
Debounce of VBUS_DET pin after valid VBUS_THR (See Figure 1.)
2
ms
tDRP_DUTY_CYCLE
Power-on default of percentage of time DRP advertises DFP during a TDRP
30%
tDRP
The period TUSB321 in DFP mode completes a DFP to UFP and back
advertisement.
50
75
100
ms
tFAULT
VCONN_FAULT asserted low time after VCONN over-current condition is
detected. (See Figure 2.)
7
10
13
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com