| Moteur de recherche de fiches techniques de composants électroniques |
|
HCC4543B Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4543B Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() LOGIC DIAGRAM (1/2 of device shown) Symbol Parameter Valu e Unit VDD* Supply voltage : HCC Types HCF Types – 0.5 to + 20 – 0.5 to 18 V V Vi Input Voltage – 0.5 to VDD + 0.5 V II DC Input Current (any one input) ± 10 mA Ptot Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package-temperature Range 200 100 mW mW Top Operating Temperature : HCC Types HCF Types – 55 to + 125 –40 to + 85 °C °C Tstg Storage Temperature – 65 to + 150 °C * All Voltage Values are referred to VSS pin voltage. ABSOLUTE MAXIMUM RATINGS RECOMMENDED OPERATING CONDITIONS Symbol Parameter Valu e Unit VDD Supply Voltage : HCC Types HCF Types 3to + 18 3to + 15 V V VI Input Voltage 0 to VDD V Top Operating Temperature : HCC Types HCF Types – 55 to + 125 –40 to + 85 °C °C HCC/HCF4543B 2/12 |