| Moteur de recherche de fiches techniques de composants électroniques |
|
TUSB1210 Fiches technique(PDF) 43 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1210 Fiches technique(HTML) 43 Page - Texas Instruments |
|
43 / 72 page ![]() 7.5.25 SCRATCH_REG_CLR ADDRESS OFFSET 0x18 PHYSICAL ADDRESS 0x18 INSTANCE USB_SCUSB DESCRIPTION This register does not physically exist. It is the same as the scratch_reg with read/clear-only property (write '1' to clear a particular bit, a write '0' has no-action). TYPE RW WRITE LATENCY 7 6 5 4 3 2 1 0 SCRATCH BITS FIELD NAME DESCRIPTION TYPE RESET 7:00 SCRATCH RW 0x00 www.ti.com TUSB1210 SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 43 Product Folder Links: TUSB1210 |