Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F101RBT6 Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce STM32F101RBT6
Description  Medium-density access line, ARM®-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101RBT6 Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button STM32F101RBT6 Datasheet HTML 85Page - STMicroelectronics STM32F101RBT6 Datasheet HTML 86Page - STMicroelectronics STM32F101RBT6 Datasheet HTML 87Page - STMicroelectronics STM32F101RBT6 Datasheet HTML 88Page - STMicroelectronics STM32F101RBT6 Datasheet HTML 89Page - STMicroelectronics STM32F101RBT6 Datasheet HTML 90Page - STMicroelectronics STM32F101RBT6 Datasheet HTML 91Page - STMicroelectronics STM32F101RBT6 Datasheet HTML 92Page - STMicroelectronics STM32F101RBT6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 101 page
background image
DocID13586 Rev 17
89/101
STM32F101x8, STM32F101xB
Package characteristics
100
Device Marking for LQFP48
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Figure 51. LQFP48 marking example (package top view)
1. Parts marked as “ES”,”E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More