Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317M Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce LM317M
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317M Fiches technique(HTML) 3 Page - STMicroelectronics

  LM317M Datasheet HTML 1Page - STMicroelectronics LM317M Datasheet HTML 2Page - STMicroelectronics LM317M Datasheet HTML 3Page - STMicroelectronics LM317M Datasheet HTML 4Page - STMicroelectronics LM317M Datasheet HTML 5Page - STMicroelectronics LM317M Datasheet HTML 6Page - STMicroelectronics LM317M Datasheet HTML 7Page - STMicroelectronics LM317M Datasheet HTML 8Page - STMicroelectronics LM317M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2
Pin configuration
Figure 2. Pin connections (top view)
INPUT
SOT223
OUTPUT
OUTPUT
ADJUST
DPAK
LM217M, LM317M
Pin configuration
DS0522 - Rev 12
page 3/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28