| Moteur de recherche de fiches techniques de composants électroniques |
|
PL800PLUS Fiches technique(PDF) 2 Page - Ramset |
|
|
|||||||||||||||||||||||||||||
PL800PLUS Fiches technique(HTML) 2 Page - Ramset |
|
2 / 2 page ![]() PulsaLift™800Plus PoleSystem Use your CableMaster™ C-Plus® or CableMaster™800 Plus with the flexible PulsaLift™ Plus Pole System for complete overhead installation without the need for scissor lift equipment. • Permanent cable suspension to concrete & steel • Pipe suspension to concrete & steel • Fire & security cabling • Temporary cable suspension COMPONENTS DESCRIPTION CRADLECM800PLUS Cradle only V4-3 0.9 metre (3 foot) Pole with Trigger V4-EXT 0.9 metre (3 foot) Extension Pole without Trigger PL800PLUS Complete Kit (Tool not included) CRADLECM800PLUS is compatible with the CM800PLUS and CMCPLUS tool. SAFETY WARNING Never hold onto the triggering section of the pole whilst loading clips or fasteners into the tool. Inadvertent activation can result in severe injury. Only ever fire the tool overhead while using the pole system. 1 2 3 INSTALLATION The PulsaLift™ 800 Plus cradle consists of 2 elements: the cup and the retaining bolt (tethered to the cup with a steel cable). 1. Place the back of the tool (black cap first) into the cup. Make sure that the tool is fully seated. 2. Press the button of the retaining bolt (to disengage the ball bearings) and push the retaining bolt through the holes in the cage provided over the trigger. Release the retaining bolt button while making sure that the ball bearings have engaged on the other side of the holes. 3. Depending upon the application height, choose whether the extension pole is required or just the triggering pole. CableMaster™ 800 Plus cradle insert Part Number L1 and R1 (pictured in orange). CableMaster™ C-Plus® cradle insert Part Number LHINSERT (pictured in orange). OPERATION 1. Load the tool (avoid applying pressure to the trigger when doing so). 2. Hold the pole and tool vertically upwards. 3. Push the tool against the work surface to close the fastener guide of the tool. 4. Use the trigger on the pole to apply more pressure to the work surface to fire the tool. |