Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V4-EXT Fiches technique(PDF) 2 Page - Ramset

No de pièce V4-EXT
Description  PulsaLift™ 800 Plus Pole System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMSET [Ramset]
Site Internet  https://ramset.com.au/
Logo RAMSET - Ramset

V4-EXT Fiches technique(HTML) 2 Page - Ramset

  V4-EXT Datasheet HTML 1Page - Ramset V4-EXT Datasheet HTML 2Page - Ramset  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PulsaLift™800Plus PoleSystem
Use your CableMaster™ C-Plus® or
CableMaster™800 Plus with the flexible
PulsaLift™ Plus Pole System for complete
overhead installation without the need for
scissor lift equipment.
• Permanent cable suspension to
concrete & steel
• Pipe suspension to concrete & steel
• Fire & security cabling
• Temporary cable suspension
COMPONENTS                 
DESCRIPTION
CRADLECM800PLUS
Cradle only
V4-3
0.9 metre (3 foot)
Pole with Trigger
V4-EXT
0.9 metre (3 foot)
Extension Pole without
Trigger
PL800PLUS
Complete Kit
(Tool not included)
CRADLECM800PLUS is compatible with the CM800PLUS
and CMCPLUS tool.
SAFETY WARNING
Never hold onto the triggering section of the pole whilst loading
clips or fasteners into the tool. Inadvertent activation can result
in severe injury. Only ever fire the tool overhead while using the
pole system.
1
2
3
INSTALLATION
The PulsaLift™ 800 Plus cradle consists of 2 elements: the cup
and the retaining bolt (tethered to the cup with a steel cable).
1. Place the back of the tool (black cap
first) into the cup. Make sure that the
tool is fully seated.
2. Press the button of the retaining bolt
(to disengage the ball bearings) and
push the retaining bolt through the
holes in the cage provided over the
trigger. Release the retaining bolt
button while making sure that the
ball bearings have engaged on the
other side of the holes.
3. Depending upon the application
height, choose whether the
extension pole is required or just the
triggering pole.
CableMaster™ 800 Plus cradle insert
Part Number L1 and R1 (pictured in orange).
CableMaster™ C-Plus® cradle insert
Part Number LHINSERT (pictured in orange).
OPERATION
1.
Load the tool (avoid applying pressure to the trigger when
doing so).
2. Hold the pole and tool vertically upwards.
3. Push the tool against the work surface to close the fastener
guide of the tool.
4. Use the trigger on the pole to apply more pressure to the
work surface to fire the tool.



Html Pages

1 2