| Moteur de recherche de fiches techniques de composants électroniques |
|
MPS50SV-5 Fiches technique(PDF) 5 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
MPS50SV-5 Fiches technique(HTML) 5 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
5 / 7 page ![]() LIFT STAGES | MPS-SV SERIES aerotech.com 300 80 52 CENTER OF TRAVEL 2.5 NOMINAL TRAVEL 3 ELECT. LIMIT TRAVEL 3.3 MECH. LIMIT TRAVEL 204.7 138 4X SOCKET HEAD CAP SCREW M4X0.7 X 5 THREAD LENGTH CAPTIVE 59 A STAGE CABLE EXIT 3M LENGTH 77.4 47.8 64.5 8X M4X0.7 8 THREAD NO DEEPER 8X M3X0.5 6 THREAD NO DEEPER 25 33 35 50 25 33 35 50 DETAIL A SCALE 1 : 2 DIMENSIONS: MILLIMETERS MPS-SV Series Dimensions MPS75SV |