| Moteur de recherche de fiches techniques de composants électroniques |
|
MPS50GR Fiches technique(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
MPS50GR Fiches technique(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
1 / 12 page ![]() Compact, Precise Rotary Motion MPS50GR and MPS75GR stages provide reliable rotary positioning performance in a low-profile design and with a compact footprint. Ideal for use in both laboratory and manufacturing environments, MPS-GR stages integrate easily with optical process equipment as well as other products in the MPS family, including MPS-SL linear stages and MPS-SV lift stages. Key Applications MPS-GR stages are ideal for a variety of applications in laboratory, research and production environments, including: Optics positioning, alignment, and adjustment Inspection and metrology Laboratory research Precision rotary indexing Electronics manufacturing and assembly Laser microprocessing KEY FEATURES: Miniature Gear-Driven Rotary Stage MPS-GR Provides REPEATABLE POSITIONING with worm-gear drive mechanism Includes DC SERVOMOTOR with integral square-wave encoder or stepper motor Equipped with LARGE APERTURE for optical path or cable routing Configurable with APERTURE LENS MOUNT & OPTICAL TABLE MOUNTING PLATE for convenient integration Mounts easily with other MPS-series stages for COMPACT MULTI-AXIS CONFIGURATIONS Available with optional VACUUM PREPARATION |
Numéro de pièce similaire - MPS50GR |
|
Description similaire - MPS50GR |