| Moteur de recherche de fiches techniques de composants électroniques |
|
HCF4056BF Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4056BF Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 15 page ![]() TYPICAL APPLICATIONS Figure 9 : Display-driver Circuit for one Segment Line and Waveforms. (a) (b) Figure 10 : Clock Display. Figure 11 : Digital (0 to + 5V) to bidirectional Analog Control (+ 5 to – 5V) Level Shifter. VDD = 0V, VSS = – 5V, VEE = – 15V, FIN = 30 Hz square wave. HCC/HCF4054B/55B/56B 8/15 |