| Moteur de recherche de fiches techniques de composants électroniques |
|
HV110-SM02-R Fiches technique(PDF) 16 Page - Superior Sensors Technology. |
|
|
|||||||||||||||||||||||||||||
HV110-SM02-R Fiches technique(HTML) 16 Page - Superior Sensors Technology. |
|
16 / 17 page ![]() HV Series Differential Low Pressure Sensors www.SuperiorSensors.com 16 DS‐0001G.DOCX 11.7 Part Identification 12 Packaging Labeling Packaging labels are provided with barcode Code 128 symbology. The provided fields are Company Name, Part Number, Packaging ID and Quantity. The Packaging ID traces back to the Lot Number (or Lot Numbers) contained in the package. The purpose is to eliminate multiple labels (one for each included Lot Number) in the event of multiple Lot Numbers within a single package. This is for ease of customer tracking and maintenance. The Packaging ID is a 24 bit value printed in hexadecimal format. 13 Ordering Information Part Number Part Package Packaging Packaging Qty Order Number HV160‐SM02 SM02 Tape and Reel Multi‐Tray Single Tray Quarter Reel Cut Tape 256 512 64 64 1‐63 HV160‐SM02‐R HV160‐SM02‐M HV160‐SM02‐T HV160‐SM02‐Q HV160‐SM02‐C HV120‐SM02 SM02 Tape and Reel Multi‐Tray Single Tray Quarter Reel Cut Tape 256 512 64 64 1‐63 HV120‐SM02‐R HV120‐SM02‐M HV120‐SM02‐T HV120‐SM02‐Q HV120‐SM02‐C HV110‐SM02 SM02 Tape and Reel Multi‐Tray Single Tray Quarter Reel Cut Tape 256 512 64 64 1‐63 HV110‐SM02‐R HV110‐SM02‐M HV110‐SM02‐T HV110‐SM02‐Q HV110‐SM02‐C HV210‐SM02 SM02 Tape and Reel Multi‐Tray Single Tray Quarter Reel Cut Tape 256 512 64 64 1‐63 HV210‐SM02‐R HV210‐SM02‐M HV210‐SM02‐T HV210‐SM02‐Q HV210‐SM02‐C |