Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM12SMTR. Fiches technique(PDF) 2 Page - C&K Components

No de pièce PCM12SMTR.
Description  Ultraminiature Surface Mount Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PCM12SMTR. Fiches technique(HTML) 2 Page - C&K Components

  PCM12SMTR. Datasheet HTML 1Page - C&K Components PCM12SMTR. Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCHEMATIC
SP3T
1-3
2-3
CONN. TERMINALS
PCM13SMTR
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
PART NUMBER
ON
ON
PCM Series
Ultraminiature Surface Mount Slide Switches
I
I–45
Dimensions
are shown: Inches (mm)
Specifications and dimensions subject to
change
www.ck-components.com
PC MOUNTING
1
2
3
4
.045
(1.13)
Actuator shown in pos. 2
.026
(0,66)
PCM13SMTR
SP3T
TAPE & REEL
For part number PCM13SMTR
Quanity per reel 3500
ON
3-4



Html Pages

1 2