| Moteur de recherche de fiches techniques de composants électroniques |
|
PD69104B1/F Fiches technique(PDF) 7 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PD69104B1/F Fiches technique(HTML) 7 Page - Microsemi Corporation |
|
7 / 36 page ![]() 4-Port PoE Manager Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0 4 3 Functional Descriptions The following sections describe the functions of the PD69104B1/F device. 3.1 Internal Block Diagram The following illustration shows the internal block diagram for the PD69104B1/F device. Figure 2 • Internal Block Diagram 3.2 Logic Main Control Module The logic main control block includes the digital timing mechanisms and the state machines, synchronizing and activating the following PoE functions. Real-time protection (RTP) Start-up macro (DVDT) Load-signature detection (RES DET) Classification macro (CLASS) Voltage and current monitoring registers (VMC) ADC interfacing Direct digital signals with analog block 3.3 Line Detection Generator Upon request from the main control module, the line detection generator creates four different voltage levels. Thus, it ensures robust AF/AT line detection functionality. 3.4 Classification Generator Upon request from the main control module, the state machine applies regulated class event and mark event voltages to the ports, as required by the IEEE standard. |