Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4067B Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce HCF4067B
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4067B Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button HCF4067B Datasheet HTML 8Page - STMicroelectronics HCF4067B Datasheet HTML 9Page - STMicroelectronics HCF4067B Datasheet HTML 10Page - STMicroelectronics HCF4067B Datasheet HTML 11Page - STMicroelectronics HCF4067B Datasheet HTML 12Page - STMicroelectronics HCF4067B Datasheet HTML 13Page - STMicroelectronics HCF4067B Datasheet HTML 14Page - STMicroelectronics HCF4067B Datasheet HTML 15Page - STMicroelectronics HCF4067B Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SO24 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.10
0.20
0.004
0.007
a2
2.45
0.096
b
0.35
0.49
0.013
0.019
b1
0.23
0.32
0.009
0.012
C
0.50
0.020
c1
45
° (typ.)
D
15.20
15.60
0.598
0.614
E
10.00
10.65
0.393
0.420
e
1.27
0.05
e3
13.97
0.55
F
7.40
7.60
0.291
0.299
L
0.50
1.27
0.19
0.050
S8
° (max.)
L
E
e
D
e3
b
24
13
112
c1
s
HCC/HCF4067B HCC/HCF4097B
14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16