Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ANT130-360-R Fiches technique(PDF) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

No de pièce ANT130-360-R
Description  Single-Axis Rotary Direct-Drive Nanopositioning Stage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Site Internet  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ANT130-360-R Fiches technique(HTML) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ANT130-360-R Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ANT130-360-R Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
aerotech.com
ANT130R SERIES ORDERING INFORMATION
Travel (Required)
-360
Continuous travel
-20
Limited travel, ±10 degrees
-180
Limited travel, ±90 degrees
Mounting Plate (Optional)
-MP
Mounting plate
Performance Grade (Required)
-PL2
High-accuracy performance, PLUS
Integration (Required)
Aerotech offers both standard and custom integration services to help you get your system fully
operational as quickly as possible. The following standard integration options are available for this system.
Please consult Aerotech if you are unsure what level of integration is required, or if you desire custom
integration support with your system.
-TAS
Integration - Test as system
Testing, integration, and documentation of a group of components as a complete system that will
be used together (ex: drive, controller, and stage). This includes parameter file generation,
system tuning, and documentation of the system configuration.
-TAC
Integration - Test as components
Testing and integration of individual items as discrete components that ship together. This is
typically used for spare parts, replacement parts, or items that will not be used together. These
components may or may not be part of a larger system.



Html Pages

1 2 3 4 5