| Moteur de recherche de fiches techniques de composants électroniques |
|
PRT2S-M Fiches technique(PDF) 4 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PRT2S-M Fiches technique(HTML) 4 Page - PANDUIT CORP. |
|
4 / 5 page ![]() Material/Color Suffix Natural Nylon 6.6 Part Number Material/Color Suffix Natural Nylon 6.6 Part Number Bulk Packaging Standard Packaging For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory) ELECTRICAL SOLUTIONS B1.37 B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification PLT2EH-Q 0 PLT2EH-C ✓ ✓ 0 PLT3EH-NB-C 0 PLT5EH-Q ✓ ✓ 0 PLT5EH-C ✓ ✓ 0 PLT5EH-NB-C 0 PLT6EH-Q ✓ ✓ 0 PLT6EH-C ✓ ✓ 0 PLT6EH-NB-C 0 PLT8EH-Q 0 PLT8EH-C ✓ ✓ 0 PLT10EH-Q 0 PLT10EH-C ✓ ✓ 0 PLT12EH-Q 0 PLT12EH-C ✓ ✓ 0 PLUP40S-D 30 PLUP40SE-D ✓ ✓ 30 PLWP1M-C ✓ ✓ PLWP1M-D ✓ ✓ 0,30 PLWP1.5I-C ✓ ✓ PLWP1.5I-D ✓ ✓ 30 PLWP1S-C ✓ ✓ 0 PLWP1S-D ✓ ✓ 0,20,30 PLWP1SA-D ✓ ✓ PLWP1SB-D ✓ ✓ PLWP1.5S-D ✓ ✓ 30 PLWP1.5SA-D ✓ ✓ PLWP2S-C ✓ ✓ 0 PLWP2S-D ✓ ✓ 0,30 PLWP2SA-D ✓ ✓ PLWP2SB-D ✓ ✓ PLWP2H-TL ✓ ✓ 0,30 PLWP3H-TL ✓ ✓ 0 PLWP30SC-D 30 PLWP40SC-D 30 PLWP40SD-D 30 PLWP50SC-D 30 PLWP50SE-D 30 PRLWP30S-D 30 PRLWP50S-D 30 PRT1S-C ✓ ✓ 0 PRT1S-M ✓ ✓ 0 PRT1.5S-C ✓ ✓ 0 PRT1.5S-M ✓ ✓ 0,30 PRT2S-C ✓ ✓ 0 PRT2S-M ✓ ✓ 0,2,3,4Y,6,7 PRT3S-C ✓ ✓ 0 PRT3S-M ✓ ✓ 0 PRT4S-C ✓ ✓ 0 PRT4S-M ✓ ✓ 0,2,3,4Y,6 PRT2H-L ✓ ✓ 0 PRT2H-TL ✓ ✓ 0 PRT3H-L ✓ ✓ 0 PRT3H-TL ✓ ✓ 0 PRT4H-L ✓ ✓ 0 PRT4H-TL ✓ ✓ 0 PRT2EH-Q 0 PRT2EH-C ✓ ✓ 0,100 PRT5EH-Q ✓ ✓ 0 PRT5EH-C ✓ ✓ 0,100 PRT6EH-Q ✓ ✓ 0 PRT6EH-C ✓ ✓ 0,100 PRT8EH-Q 0 PRT8EH-C ✓ ✓ 0,100 PRT10EH-Q 0 PRT10EH-C ✓ ✓ 0 PRT12EH-Q 0 PRT12EH-C ✓ ✓ 0 PRWP1S-C ✓ ✓ PRWP1S-D ✓ ✓ 0 PRWP1SA-D ✓ ✓ PRWP1SB-D ✓ ✓ PRWP1.5S-D ✓ ✓ 0,20,30 PRWP2S-D ✓ ✓ 0 PRWP2H-TL ✓ ✓ |