| Moteur de recherche de fiches techniques de composants électroniques |
|
HCF4035 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4035 Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 14 page ![]() BIDEC LOGIC DOUBLE SEQUENCE GENERATOR STATE SEQUENCES Control = E = 0 1 0 1 2 5 10 4 9 3 6 13 11 7 14 12 8 Q1 A 0 1 0 1 0 0 1 1 0 1 1 1 0 0 0 Q2 B 0 0 1 0 1 0 0 1 1 0 1 1 1 0 0 Q3 C 0 0 0 1 0 1 0 0 1 1 0 1 1 1 0 Q4 D 0 0 0 0 1 0 1 0 0 1 1 0 1 1 1 15 14 13 10 5 11 6 12 9 2 4 8 1 3 7 Q1 A 1 0 1 0 1 1 0 0 1 0 0 0 1 1 1 Q2 B 1 0 0 1 0 1 1 0 0 1 0 0 0 1 1 Q3 C 1 1 1 0 1 0 1 1 0 0 1 0 0 0 1 Q4 D 1 1 1 1 0 1 0 1 1 0 0 1 0 0 0 Using a control line (E) two different state se- quences can be generated. For example, suppose the following two sequences are desired on com- mand (control line E). TYPICAL APPLICATIONS HCC/HCF4035B 8/14 |