Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLF1MB-C Fiches technique(PDF) 5 Page - PANDUIT CORP.

No de pièce PLF1MB-C
Description  Pan-Ty® Marker and Flag Ties
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLF1MB-C Fiches technique(HTML) 5 Page - PANDUIT CORP.

  PLF1MB-C Datasheet HTML 1Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 2Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 3Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 4Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ELECTRICAL SOLUTIONS
B1.38
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Features and Benefits – Super-Grip ® Cable Ties
One-piece design with a thin, wide strap body for improved flexibility.
Dome shaped head and smooth,
round strap body protect the
cable insulation
Curved, tapered tip threads
easily and installs faster
Aggressive grips allow temporary
threading of tie before the strap
teeth are engaged
One-piece locking wedge provides
consistent, reliable performance
Strong locking wedge improves
strength and allows for
rough handling
Thin, flared neck tolerates rough
installation practices and improves
small bundle performance
High loop tensile strength
exceeds industry standards
Thin, wide strap body provides
increased flexibility while
maintaining loop tensile strength
Cable tie tools speed installation
and reduce total installed cost.
See pages B1.107 – B1.112.
Cable tie accessories are used to
speed and simplify the mounting of
wires, cables, and tubing.
See pages B2.7, B2.11,
B2.13, B2.21.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com