| Moteur de recherche de fiches techniques de composants électroniques |
|
PLF1M-C Fiches technique(PDF) 3 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PLF1M-C Fiches technique(HTML) 3 Page - PANDUIT CORP. |
|
3 / 5 page ![]() ELECTRICAL SOLUTIONS B1.36 B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Pan-Ty ® Cable Ties (continued) Material/Color Suffix Natural Nylon 6.6 Part Number Material/Color Suffix Natural Nylon 6.6 Part Number Bulk Packaging Standard Packaging PL2M2S-L ✓ ✓ 0 PL2M2S-D ✓ ✓ 0,4Y,10 PL3M2S-L ✓ ✓ PL3M2S-D ✓ ✓ 0,4Y PLP1.5I-C ✓ ✓ PLP1.5I-M ✓ ✓ 0,30 PLP1S-M ✓ ✓ 0,30 PLP1.5S-M ✓ ✓ PLP2S-C ✓ ✓ PLP2S-M ✓ ✓ 0,30 PLT.6SM-C ✓ ✓ 0 PLT.6SM-M ✓ ✓ 0,30 PLT.7M-C ✓ ✓ PLT.7M-M ✓ ✓ 0,30 PLT1M-C ✓ ✓ 0,00,1,2,3,4Y,5,6,7,8,10,14,30, 71,76,86,186,702Y PLT1M-M ✓ ✓ 0,00,1,2,3,4Y,5,6,7,8,10,14,20,30,53,54,55, 59,60,69,76,100,109,300,702Y PLT1M-XMR ✓ ✓ 0,1,2,3,4Y,5,6,7,8,10,30 PLT1.5M-C ✓ ✓ 0 PLT1.5M-M ✓ ✓ 0,00,1,2,3,4Y,5,6,7,8,10,14,20,30 PLT1.5M-XMR ✓ ✓ 0,00,30 PLT2M-C ✓ ✓ 0 PLT2M-M ✓ ✓ 0,1,2,3,4Y,5,6,7,8,10,20,30,69 PLT1.5I-C ✓ ✓ 0,1,2,3,4Y,5,6,7,8,10,20,30 PLT1.5I-M ✓ ✓ 0,00,1,2,3,4Y,5,6,7,8,10,20,30,69,100,109, 120,300 PLT2I-C ✓ ✓ 0,14,30,76,86,186 PLT2I-M ✓ ✓ 0,00,1,2,3,4Y,5,6,7,8,10,14,20,30,53,54,55, 59,69,76,300 PLT2.5I-C ✓ ✓ 0 PLT2.5I-M ✓ ✓ 0,20 PLT3I-C ✓ ✓ 0,14 PLT3I-M ✓ ✓ 0,2,3,4Y,5,6,8,10,14,20,30 PLT4I-C ✓ ✓ 0,14 PLT4I-M ✓ ✓ 0,2,5,6,14,20,30 PLT1S-C ✓ ✓ 0 PLT1S-M ✓ ✓ 0,30,38,300 PLT1.5S-C ✓ ✓ 0 PLT1.5S-M ✓ ✓ 0,30 PLT2S-C ✓ ✓ 0,00,1,2,3,4Y,5,6,7,8,10,20,30, 71,76,86,186,702Y PLT2S-M ✓ ✓ 0,00,1,2,3,4Y,5,6,7,8,10,20,30,38,39,53,54, 55,59,60,69,71,76,100,109,120,300,702Y PLT2S-VMR ✓ 0,30 PLT2.5S-C ✓ ✓ 0 PLT2.5S-M ✓ ✓ 0,30 PLT3S-C ✓ ✓ 0,00,2,20,30,76,86,186,702Y PLT3S-M ✓ ✓ 0,00,1,2,3,4Y,5,6,7,8,10,20,30,53,54,55,59, 76,100,109,702Y PLT4S-C ✓ ✓ 0,00,2,3,4Y,5,6,8,20,30,76,86, 186 PLT4S-M ✓ ✓ 0,00,1,2,3,4Y,5,6,7,8,10,14,20,30,69,76, 100,109,120,300 PLT4.5S-C ✓ ✓ 0 PLT4.5S-M ✓ ✓ 0 PLT5S-C ✓ ✓ 0 PLT5S-M ✓ ✓ 0,2,3,4Y,5,6,8,30 PLT6LH-L ✓ ✓ 0 PLT6LH-C ✓ ✓ 0 PLT7LH-L ✓ ✓ 0 PLT7LH-C ✓ ✓ 0,30 PLT8LH-L ✓ ✓ 0 PLT8LH-C ✓ ✓ 0,120 PLT8LH-Q 0 PLT9LH-L ✓ ✓ 0 PLT9LH-C ✓ ✓ 0,30 PLT10LH-L ✓ ✓ PLT10LH-C ✓ ✓ PLT2H-L ✓ ✓ 0 PLT2H-TL ✓ ✓ 0,2,4Y,6,30,100,109,300 PLT2.5H-L ✓ ✓ 0 PLT2.5H-TL ✓ ✓ 0 PLT3H-L ✓ ✓ 0,76,86,186 PLT3H-TL ✓ ✓ 0,30,76,100,109 PLT4H-L ✓ ✓ 0,00,76,86,186 PLT4H-TL ✓ ✓ 0,00,1,2,3,4Y,5,6,10,20,30,69,76,100,109, 120,300 PLT4H-C ✓ ✓ 0 PLT5H-L ✓ ✓ 0 PLT5H-C ✓ ✓ 0,30 PLT6H-L ✓ ✓ 0 PLT6H-C ✓ ✓ 0,30 PLT8H-L ✓ ✓ 0 PLT8H-C ✓ ✓ 0,00,30 PLT8H-L ✓ ✓ 0 PLT13H-Q ✓ ✓ 0 PLT13H-C ✓ ✓ 0,3 |