Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H533CE Fiches technique(PDF) 173 Page - STMicroelectronics

No de pièce STM32H533CE
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CE Fiches technique(HTML) 173 Page - STMicroelectronics

Back Button STM32H533CE Datasheet HTML 169Page - STMicroelectronics STM32H533CE Datasheet HTML 170Page - STMicroelectronics STM32H533CE Datasheet HTML 171Page - STMicroelectronics STM32H533CE Datasheet HTML 172Page - STMicroelectronics STM32H533CE Datasheet HTML 173Page - STMicroelectronics STM32H533CE Datasheet HTML 174Page - STMicroelectronics STM32H533CE Datasheet HTML 175Page - STMicroelectronics STM32H533CE Datasheet HTML 176Page - STMicroelectronics STM32H533CE Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 231 page
background image
DS14539 Rev 1
173/231
STM32H533xx
Electrical characteristics
200
10 bits
47
3.19E-08
5.17E-08
68
3.35E-08
5.28E-08
100
3.66E-08
5.45E-08
150
4.35E-08
5.83E-08
220
5.43E-08
6.50E-08
330
7.18E-08
7.89E-08
470
9.46E-08
1.00E-07
680
1.28E-07
1.33E-07
1000
1.81E-07
1.83E-07
1500
2.63E-07
2.63E-07
2200
3.79E-07
3.76E-07
3300
5.57E-07
5.52E-07
8 bits
47
2.64E-08
4.17E-08
68
2.76E-08
4.24E-08
100
3.02E-08
4.39E-08
150
3.51E-08
4.66E-08
220
4.27E-08
5.13E-08
330
5.52E-08
6.19E-08
470
7.17E-08
7.72E-08
680
9.68E-08
1.00E-07
1000
1.34E-07
1.37E-07
1500
1.93E-07
1.94E-07
2200
2.76E-07
2.74E-07
3300
4.06E-07
4.01E-07
4700
5.73E-07
5.62E-07
6800
8.21E-07
7.99E-07
10000
1.20E-06
1.17E-06
15000
1.79E-06
1.74E-06
Table 91. Minimum sampling time versus RAIN(1)(2) (continued)
Resolution
RAIN (Ω)
Minimum sampling time (s)
Fast channel
Slow channel(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More