Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H533CE Fiches technique(PDF) 94 Page - STMicroelectronics

No de pièce STM32H533CE
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CE Fiches technique(HTML) 94 Page - STMicroelectronics

Back Button STM32H533CE Datasheet HTML 90Page - STMicroelectronics STM32H533CE Datasheet HTML 91Page - STMicroelectronics STM32H533CE Datasheet HTML 92Page - STMicroelectronics STM32H533CE Datasheet HTML 93Page - STMicroelectronics STM32H533CE Datasheet HTML 94Page - STMicroelectronics STM32H533CE Datasheet HTML 95Page - STMicroelectronics STM32H533CE Datasheet HTML 96Page - STMicroelectronics STM32H533CE Datasheet HTML 97Page - STMicroelectronics STM32H533CE Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 231 page
background image
PF0
-
-
-
-
FMC_A0
-
-
EVENTOUT
PF1
-
-
-
-
FMC_A1
-
-
EVENTOUT
PF2
-
-
-
-
FMC_A2
-
-
EVENTOUT
PF3
-
-
-
-
FMC_A3
-
-
EVENTOUT
PF4
-
-
-
-
FMC_A4
-
-
EVENTOUT
PF5
-
-
-
-
FMC_A5
-
-
EVENTOUT
PF6
-
-
OCTOSPI1_IO3
-
-
-
-
EVENTOUT
PF7
-
-
OCTOSPI1_IO2
-
-
-
-
EVENTOUT
PF8
-
-
OCTOSPI1_IO0
-
-
-
-
EVENTOUT
PF9
-
-
OCTOSPI1_IO1
-
-
-
-
EVENTOUT
PF10
-
OCTOSPI1_CLK
-
-
-
DCMI_D11/PSSI_D11
-
EVENTOUT
PF11
-
OCTOSPI1_NCLK
-
-
-
DCMI_D12/PSSI_D12
-
EVENTOUT
PF12
-
-
-
-
FMC_A6
-
-
EVENTOUT
PF13
-
-
-
-
FMC_A7
-
-
EVENTOUT
PF14
-
-
-
-
FMC_A8
-
-
EVENTOUT
PF15
-
-
-
-
FMC_A9
-
-
EVENTOUT
Table 16. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/S
DMMC1/UA
RT4/5
FDCAN1/2/FMC[NAND16)/
FMC[NORmux)/FMC[NOR_RAM)/
I2C3/I3C2/OCTOSPI
CRS/FMC[NAND1
6)/I3C2/OCTOSPI/
SDMMC1/USB_
FMC[NAND16)/
OCTOSPI/SDM
MC1/USB_PD
FMC[NAND16)/FMC
[NORmux)/FMC[NO
R_RAM)/SDMMC1
DCMI/FMC[NAND16
)/FMC[NORmux)/FM
C[NOR_RAM)
TIM2/UART
5/USART6
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More