Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4047B Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce HCC4047B
Description  LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4047B Fiches technique(HTML) 2 Page - STMicroelectronics

  HCC4047B Datasheet HTML 1Page - STMicroelectronics HCC4047B Datasheet HTML 2Page - STMicroelectronics HCC4047B Datasheet HTML 3Page - STMicroelectronics HCC4047B Datasheet HTML 4Page - STMicroelectronics HCC4047B Datasheet HTML 5Page - STMicroelectronics HCC4047B Datasheet HTML 6Page - STMicroelectronics HCC4047B Datasheet HTML 7Page - STMicroelectronics HCC4047B Datasheet HTML 8Page - STMicroelectronics HCC4047B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BLOCK DIAGRAM
FUNCTIONAL TERMINAL CONNECTIONS
Terminal Connections
Function*
to VDD
to VSS
Input
Pulse to
Output
Pulse
From
Output Period
or
Pulse Width
Astable Multivibrator :
Free Running
True Gating
Complement Gating
4, 5, 6, 14
4, 6, 14
6, 14
7, 8, 9, 12
7, 8, 9, 12
5, 7, 8, 9 ,12
–
5
4
10, 11, 13
10, 11, 13
10, 11, 13
tA (10, 11) = 4.40RC
tA (13) = 2.20RC
Monostable Multivibrator :
Positive–Edge Trigger
Negative–Edge Trigger
Retriggerable
External Countdown**
4, 14
4, 8, 14
4, 14
14
5, 6, 7, 9, 12
5, 7, 9, 12
5, 6, 7, 9
5, 6, 7, 8, 9, 12
8
6
8, 12
–
10, 11
10, 11
10, 11
10, 11
tM (10, 11) = 2.48RC
* In all cases external capacitor and resistor between pins, 1, 2 and 3 (see logic diagrams).
**
Input pulse to Reset of External Counting Chip.
External Counting Chip Output to pin 4.
HCC/HCF4047B
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15