| Moteur de recherche de fiches techniques de composants électroniques |
|
STTH1302 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH1302 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 11 page ![]() Package information STTH1302 6/11 DocID8794 Rev 4 2 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Cooling method: by conduction (C) Epoxy meets UL94,V0 |