| Moteur de recherche de fiches techniques de composants électroniques |
|
HCC4034B Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4034B Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 16 page ![]() STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions) Test Conditions Values V I VO |IO|V DD TLow* 25 °CTHigh* Symbol Parameter (V) (V) ( µA) (V) Min. Max. Min. Typ. Max. Min. Max. Unit IL Quiescent Current HCC Types 0/ 5 5 5 0.04 5 150 µA 0/10 10 10 0.04 10 300 0/15 15 20 0.04 20 600 0/20 20 100 0.08 100 3000 HCF Types 0/ 5 5 20 0.04 20 150 0/10 10 40 0.04 40 300 0/15 15 80 0.04 80 600 VOH Output High Voltage 0/ 5 < 1 5 4.95 4.95 4.95 V 0/10 < 1 10 9.95 9.95 9.95 0/15 < 1 15 14.95 14.95 14.95 VOL Output Low Voltage 5/0 < 1 5 0.05 0.05 0.05 V 10/0 < 1 10 0.05 0.05 0.05 15/0 < 1 15 0.05 0.05 0.05 VIH Input High Voltage 0.5/4.5 < 1 5 3.5 3.5 3.5 V 1/9 < 1 10 7 7 7 1.5/13.5 < 1 15 11 11 11 VIL Input Low Voltage 4.5/0.5 < 1 5 1.5 1.5 1.5 V 9/1 < 1 10 3 3 3 13.5/1.5 < 1 15 4 4 4 IOH Output Drive Current HCC Types 0/ 5 2.5 5 – 2 – 1.6 – 3.2 – 1.15 mA 0/ 5 4.6 5 – 0.64 – 0.51 – 1 – 0.36 0/10 9.5 10 – 1.6 – 1.3 – 2.6 – 0.9 0/15 13.5 15 – 4.2 – 3.4 – 6.8 – 2.4 HCF Types 0/ 5 2.5 5 – 1.53 – 1.36 – 3.2 – 1.1 0/ 5 4.6 5 – 0.52 – 0.44 – 1 – 0.36 0/10 9.5 10 – 1.3 – 1.1 – 2.6 – 0.9 0/15 13.5 15 – 3.6 – 3.0 – 6.8 – 2.4 IOL Output Sink Current HCC Types 0/ 5 0.4 5 0.64 0.51 1 0.36 mA 0/10 0.5 10 1.6 1.3 2.6 0.9 0/15 1.5 15 4.2 3.4 6.8 2.4 HCF Types 0/ 5 0.4 5 0.52 0.44 1 0.36 0/10 0.5 10 1.3 1.1 2.6 0.9 0/15 1.5 15 3.6 3.0 6.8 2.4 IIH,IIL Input Leakage Current HCC Types 0/18 Any Input 18 ± 0.1 ±10–5 ± 0.1 ± 1 µA HCF Types 0/15 15 ± 0.3 ±10–5 ± 0.3 ± 1 IOH 3-State Output Leakage Current HCC Types 0/18 0/18 18 ± 0.4 ±10–4 ± 0.4 ± 12 µA HCF Types 0/15 0/15 15 ± 1.0 ±10–4 ± 1.0 ± 7.5 CI Input Capacitance Any Input 5 7.5 pF *TLow =– 55 °Cfor HCC device : – 40°C for HCF device. *THigh = + 125 °Cfor HCC device : + 85°Cfor HCF device. The Noise Margin for both ”1” and ”0” level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5V min. with VDD = 15V. HCC/HCF4034B 6/16 |