Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS592 Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LS592
Description  8-BIT BINARY COUNTERS WITH INPUT REGISTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LS592 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button SN74LS592 Datasheet HTML 9Page - Texas Instruments SN74LS592 Datasheet HTML 10Page - Texas Instruments SN74LS592 Datasheet HTML 11Page - Texas Instruments SN74LS592 Datasheet HTML 12Page - Texas Instruments SN74LS592 Datasheet HTML 13Page - Texas Instruments SN74LS592 Datasheet HTML 14Page - Texas Instruments SN74LS592 Datasheet HTML 15Page - Texas Instruments SN74LS592 Datasheet HTML 16Page - Texas Instruments SN74LS592 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LS592DR
D
16
FMX
330
16
6.5
10.3
2.1
8
16
Q1
SN74LS592NSR
NS
16
MLA
330
16
8.2
10.5
2.5
12
16
Q1
SN74LS593DWR
DW
20
MLA
330
24
10.8
13.0
2.7
12
24
Q1
SN74LS593NSR
NS
20
MLA
330
24
8.2
13.0
2.5
12
24
Q1
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
SN74LS592DR
D
16
FMX
342.9
336.6
28.58
SN74LS592NSR
NS
16
MLA
342.9
336.6
28.58
SN74LS593DWR
DW
20
MLA
333.2
333.2
31.75
SN74LS593NSR
NS
20
MLA
333.2
333.2
31.75
PACKAGE MATERIALS INFORMATION
www.ti.com
9-Jun-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30