| Moteur de recherche de fiches techniques de composants électroniques |
|
REF5030AID Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5030AID Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 52 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 21-Nov-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) REF5050AIDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50F REF5050AIDGKRG4 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R50F REF5050AIDGKRG4.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R50F REF5050AIDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI | Nipdau Level-2-260C-1 YEAR -40 to 125 R50F REF5050AIDGKT.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50F REF5050AIDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5050 A REF5050AIDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5050 A REF5050EIDR Active Production SOIC (D) | 8 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R5050E REF5050EIDR.A Active Production SOIC (D) | 8 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R5050E REF5050ID Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5050 REF5050ID.A Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5050 REF5050IDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50F REF5050IDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50F REF5050IDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50F REF5050IDGKT.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50F REF5050IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5050 REF5050IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5050 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 7 |