| Moteur de recherche de fiches techniques de composants électroniques |
|
REF50XXAI Fiches technique(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF50XXAI Fiches technique(HTML) 34 Page - Texas Instruments |
|
34 / 52 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 21-Nov-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) REF5020AID.A Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5020 A REF5020AIDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI | Nipdau Level-2-260C-1 YEAR -40 to 125 R50A REF5020AIDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R50A REF5020AIDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50A REF5020AIDGKT.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50A REF5020AIDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5020 A REF5020AIDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5020 A REF5020ID Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5020 REF5020ID.A Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5020 REF5020IDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50A REF5020IDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50A REF5020IDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50A REF5020IDGKT.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50A REF5020IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5020 REF5020IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5020 REF5025AID Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5025 A REF5025AID.A Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5025 A REF5025AIDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI | Nipdau Level-2-260C-1 YEAR -40 to 125 R50B REF5025AIDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R50B REF5025AIDGKRG4 Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 R50B Addendum-Page 2 |