Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS592DR Fiches technique(PDF) 20 Page - Texas Instruments

No de pièce SN74LS592DR
Description  8-BIT BINARY COUNTERS WITH INPUT REGISTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LS592DR Fiches technique(HTML) 20 Page - Texas Instruments

Back Button SN74LS592DR Datasheet HTML 16Page - Texas Instruments SN74LS592DR Datasheet HTML 17Page - Texas Instruments SN74LS592DR Datasheet HTML 18Page - Texas Instruments SN74LS592DR Datasheet HTML 19Page - Texas Instruments SN74LS592DR Datasheet HTML 20Page - Texas Instruments SN74LS592DR Datasheet HTML 21Page - Texas Instruments SN74LS592DR Datasheet HTML 22Page - Texas Instruments SN74LS592DR Datasheet HTML 23Page - Texas Instruments SN74LS592DR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LS592DR
SOIC
D
16
2500
330.0
16.0
7.0
10.0
2.0
8.0
16.0
Q1
SN74LS592NSR
SO
NS
16
2000
330.0
16.0
8.0
11.0
3.0
12.0
16.0
Q1
SN74LS593DWR
SOIC
DW
20
2000
330.0
24.0
11.0
13.0
3.0
12.0
24.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Feb-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30