Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS592DG4 Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce SN74LS592DG4
Description  8-BIT BINARY COUNTERS WITH INPUT REGISTERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LS592DG4 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button SN74LS592DG4 Datasheet HTML 17Page - Texas Instruments SN74LS592DG4 Datasheet HTML 18Page - Texas Instruments SN74LS592DG4 Datasheet HTML 19Page - Texas Instruments SN74LS592DG4 Datasheet HTML 20Page - Texas Instruments SN74LS592DG4 Datasheet HTML 21Page - Texas Instruments SN74LS592DG4 Datasheet HTML 22Page - Texas Instruments SN74LS592DG4 Datasheet HTML 23Page - Texas Instruments SN74LS592DG4 Datasheet HTML 24Page - Texas Instruments SN74LS592DG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74LS592DR
SOIC
D
16
2500
343.0
346.0
29.0
SN74LS592NSR
SO
NS
16
2000
346.0
346.0
33.0
SN74LS593DWR
SOIC
DW
20
2000
346.0
346.0
41.0
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Feb-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30