| Moteur de recherche de fiches techniques de composants électroniques |
|
LMC1608TP-R22J Fiches technique(PDF) 1 Page - ABCO ELECTRONICS CO.LTD |
|
|
|||||||||||||||||||||||||||||
LMC1608TP-R22J Fiches technique(HTML) 1 Page - ABCO ELECTRONICS CO.LTD |
|
1 / 4 page ![]() 32 Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use. SERIES Reel dimensions Tape dimensions Per Reel(Q’ty) ABC D E W P P0 P1 HT SERIES AB C DE F GH I J Max. Max. Max. Ref. ABCO chip inductor is wire wound type ceramic Inductor. And our product provide high Q value. So ABCO chip inductor can be SRF(self resonant frequency)industry. This can often eliminate the need for variable components in tunner circuits and oscillators. With our engineering and manufacturing facilities,we're able to quickly provide tailored to your needs. LMC 2012 2.29 1.73 1.52 0.51 1.27 0.51 1.02 1.78 1.02 0.76 LMC 1608 1.80 1.12 1.02 0.38 0.76 0.33 0.86 1.02 0.64 0.64 LMC 1005 1.19 0.64 0.66 0.25 0.51 0.23 0.56 0.66 0.36 0.46 Unit: mm LMC 2012 180 60 13 14.4 8.4 8 4 4 2 2.1 0.3 2,000 LMC 1608 180 100 13 14.4 8.4 8 4 4 2 - 0.95 3,000 LMC 1005 180 100 13 14.4 8.4 8 2 4 2 - 0.6 4,000 Unit: mm A B C E P1 W P P0 T D H B E Terminal F G CH D I I Land Pattern J F A ■APPLICATION ■DIMENSIONS(mm) ■TAPE AND REEL SPECIFICATIONS •RF circuits for mobile phone or pagers and other communication devices. CERAMIC CHIP INDUCTORS ■FEATURES |
Numéro de pièce similaire - LMC1608TP-R22J |
|
Description similaire - LMC1608TP-R22J |