Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KPTC0F20 Fiches technique(PDF) 2 Page - ITT Industries

No de pièce KPTC0F20
Description  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0F20 Fiches technique(HTML) 2 Page - ITT Industries

  KPTC0F20 Datasheet HTML 1Page - ITT Industries KPTC0F20 Datasheet HTML 2Page - ITT Industries KPTC0F20 Datasheet HTML 3Page - ITT Industries KPTC0F20 Datasheet HTML 4Page - ITT Industries KPTC0F20 Datasheet HTML 5Page - ITT Industries KPTC0F20 Datasheet HTML 6Page - ITT Industries KPTC0F20 Datasheet HTML 7Page - ITT Industries KPTC0F20 Datasheet HTML 8Page - ITT Industries KPTC0F20 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
KPTC
Subject to changes
Introduction
The miniature circular connectors series KPTC from ITT Cannon are especially used in the machine and in
the automotive industries. They are designed for the usage with crimp contacts which are to be ordered
separately. The contacts are packed separately for the termination process.
To keep up with the market trends and for logistic reasons ITT Cannon offers zinc / cobalt as an alternative
to nickel. For current projects, the nickel finish is still offered. However, zinc / cobalt should be the preferred
finish as it features a much higher corrosion resistance.
Contents
Technical data................................................................................................................................................ 3
How to order................................................................................................................................................. 4
Contact arrangements.................................................................................................................................... 5
Alternate insert positions................................................................................................................................ 8
Box mounting receptacles.............................................................................................................................. 9
Wall mounting receptacles...........................................................................................................................10
Straight plugs....................................................................................................................................................12
Jam nut receptacles ......................................................................................................................................14
Panel cut-outs...................................................................................................................................................16
Components and accessories..................................................................................................................... 18
Tools............................................................................................................................................................... 20
Product safety information............................................................................................................................ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21