Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AHT10 Fiches technique(PDF) 13 Page - ASAIR All Rights Reserved.

No de pièce AHT10
Description  AHT10 Technical Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASAIR [ASAIR All Rights Reserved.]
Site Internet  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT10 Fiches technique(HTML) 13 Page - ASAIR All Rights Reserved.

Back Button AHT10 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 13Page - ASAIR All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Version Information
date
version
page
number
change
2018/11
V1.0
1-10
Initial version
2018/12
V1.1
1-10
Added protocol description, command parameters.
2019/05
V1.1
1-13
Draft UNOFICIAL English translation
This manual is subject to change without notice.
Precautions
Warning, personal injury
Do not apply this product to safety devices or
emergency stop devices, and to any other application
that may result in personal injury due to malfunction of
the product. This product may not be used unless it has
a special purpose or authorization to use it. Refer to the
product data sheet and application guide before
installing, handling, using, or maintaining this product.
Failure to follow this advice can result in death and
serious personal injury.
If the buyer is to purchase or use AOSONG products
without any application license and authorization, the
buyer will bear all compensation for personal injury and
death, and will be exempt from the AOSONG company
managers and employees and affiliated subsidiaries.
Any claims that may arise from agents, distributors, etc.,
including: various costs, compensation, legal fees, etc.
ESD protection
Due to the inherent design of the component, it is
sensitive to static electricity. To prevent damage from
static electricity or to reduce product performance, take
the necessary antistatic measures when applying this
product.
Quality Assurance
The company provides a 12 -month (one- year)
warranty on the direct purchaser of its products
(calculated from the date of shipment), based on the
technical specifications in the data sheet of the product
published by AOSONG. If the product proves to be
defective during the warranty period, the company will
provide free repair or replacement. The user must meet
the following conditions:
The product is found defective within 14 days written notice
to the Company; ● This product defect helps to discover the
company's design and materials ● Insufficient materials and
processes;
This product should be returned to the company by the
purchaser; ● This product should be in the warranty period.
●
The company is only responsible for products that are
defective in applications that meet the technical
requirements of the product. The company does not make
any guarantees, guarantees or written statements about the
application of its products in those special applications.
At the same time, the company does not make any
commitment to the reliability of its products applied to
products or circuits.
Copyright © 2018, ASAIR ®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13