Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

717 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce 717
Description  12V PNP POWER SWITCHING TRANSISTOR IN SOT323
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

717 Fiches technique(HTML) 1 Page - Diodes Incorporated

  717 Datasheet HTML 1Page - Diodes Incorporated 717 Datasheet HTML 2Page - Diodes Incorporated 717 Datasheet HTML 3Page - Diodes Incorporated 717 Datasheet HTML 4Page - Diodes Incorporated 717 Datasheet HTML 5Page - Diodes Incorporated 717 Datasheet HTML 6Page - Diodes Incorporated 717 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZUMT717
12V PNP POWER SWITCHING TRANSISTOR IN SOT323
Features
BVCEO > -12V
IC = -1.25A Continuous Collector Current
ICM = -3A Peak Pulse Current
Low Saturation Voltage VCE(sat) < -215mV @ IC = -1A
RCE(SAT) = 150m
Ω for a Low Equivalent On-Resistance
500mW Power Dissipation
Excellent hFE Characteristics up to -3A
Complementary NPN Type: ZUMT617
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT323
Case Material: Molded Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.006 grams (approximate)
Applications
Negative boost functions in DC-DC converters
Supply line switching in mobile phones and pagers
Motor drivers in camcorders and mini disk players
Ordering Information (Notes 4)
Device
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per reel
ZUMT717TA
AEC-Q101
T71
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top view
Device symbol
Top View
Pin-Out
SOT323
xxx
T71
T71 = Product Type Marking Code
C
E
B
ZUMT717
Document number: DS33339 Rev. 2 - 2
1 of 7
www.diodes.com
August 2014
© Diodes Incorporated


Numéro de pièce similaire - 717

FabricantNo de pièceFiches techniqueDescription
logo
JMK Inc.
717 JMK-717 Datasheet
43Kb / 1P
The 717 & 719 series filters provide superior wideband filtering for Wye or Delta power configurations.
logo
WECO ELECTRICAL CONNECT...
717 WECO-717 Datasheet
127Kb / 1P
Motor terminal boards similar to DIN 46294
12.19
logo
Keystone Electronics Co...
717 KEYSTONE-717 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
logo
Qualtek Electronics Cor...
717-00-28 QUALTEK-717-00-28 Datasheet
383Kb / 1P
AC RECEPTACLE
717-00-63 QUALTEK-717-00-63 Datasheet
366Kb / 1P
AC RECEPTACLE
More results

Description similaire - 717

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZUMT717 DIODES-ZUMT717 Datasheet
152Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT718 DIODES-ZUMT718 Datasheet
62Kb / 3P
Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
JUNE 2000
ZUMT720 DIODES-ZUMT720 Datasheet
144Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT2907A DIODES-ZUMT2907A Datasheet
29Kb / 2P
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
OCTOBER 1998
BC856AW DIODES-BC856AW_15 Datasheet
209Kb / 5P
PNP SMALL SIGNAL TRANSISTOR IN SOT323
Rev 10
ZUMT720 DIODES-ZUMT720_15 Datasheet
144Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT718 DIODES-ZUMT718_15 Datasheet
806Kb / 6P
20V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 3
ZUMT717 DIODES-ZUMT717_15 Datasheet
376Kb / 7P
12V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 2
ADTA144EUAQ DIODES-ADTA144EUAQ Datasheet
468Kb / 6P
PNP PRE-BIASED TRANSISTOR IN SOT323
Rev. 2 - 2 April 2021
BC857BWQ DIODES-BC857BWQ Datasheet
356Kb / 5P
PNP SMALL SIGNAL TRANSISTOR IN SOT323
February 2021 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com