Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D35530643 Fiches technique(PDF) 1 Page - Glamox

No de pièce D35530643
Description  D35-R230 LED 1400 DALI830 LI OP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GLAMOX [Glamox]
Site Internet  https://www.glamox.com/
Logo GLAMOX - Glamox

D35530643 Fiches technique(HTML) 1 Page - Glamox

  D35530643 Datasheet HTML 1Page - Glamox D35530643 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
D35-R230 LED 1400 DALI
830 LI OP
Glamox D35 is family with compact design, in three sizes.
Injected moulded fire resistant plastic material V1 in white
finish RAL9016. Integrated aluminium heat sink.
Item No.
D35530643
GTIN
4741145306430
Stock status code
B
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Round
LMS System
Number of DALI addresses
1
LMS Protocol
DALI
Electrical Data
Leakage Current (mA)
0.34
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Main Feed DC (V) Min
180
Main Feed DC (V) Max
270
Total Consumption (W)
12
Number Of Luminaire MCB 10B
45
Number Of Luminaire MCB 10C
50
Number Of Luminaire MCB 16B
80
Number Of Luminaire MCB 16C
136
Optic
Optic description
Opal diffuser in acrylic
Optic Name
OP - Opal diffuser in acrylic
UGR (70/50/20 & 4H-8H crosswise)
26
Diffuser Material
Acrylic
Diffuser Material Design
Opal
Optic main category
Diffuser
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
45
IP classification
40 from underneath \ 20 from above
Light Technical Data
Light source
LED
Lumen Out (lm)
1339
Lumen Per Watt (lm/W)
110
Lamp colour temp (K)
3000
Colour Rendering Index
>80
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
D
Minimum Dim Level (%)
1
Driver / Ballast
Type of LED Driver
DALI: Dimming
Number of Driver
1
Lifetime
LED Lifetime L80B50 Ta25 (h)
80 000
Luminous flux decline (LLMF) 50.000h Ta25
0.80
Housing
Body Material
ABS plastic
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Height (mm)
32
Diameter (mm)
250
Cut out (mm)
230
Item Net Weight (kg)
0.9936
Cut out diameter
230
Termination
Termination
5x2x2.5mm2 Push In
Plug Type
Linect
Logistic Data
Item Gross Weight (kg)
1.08


Numéro de pièce similaire - D35530643

FabricantNo de pièceFiches techniqueDescription
logo
Glamox
D35530640 GLAMOX-D35530640 Datasheet
291Kb / 2P
D35-R180 LED 1000 DALI830 LI MP
D35530641 GLAMOX-D35530641 Datasheet
288Kb / 2P
D35-R180 LED 1000 DALI830 LI OP
D35530642 GLAMOX-D35530642 Datasheet
294Kb / 2P
D35-R230 LED 1400 DALI830 LI MP
D35530644 GLAMOX-D35530644 Datasheet
289Kb / 2P
D35-R230 LED 1400 HF 830LI MP
More results

Description similaire - D35530643

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
logo
OPTEK Technologies
OPF372A OPTEK-OPF372A Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
August 1996
logo
Mitsubishi Electric Sem...
M5G1400P MITSUBISHI-M5G1400P Datasheet
114Kb / 4P
1400 BIT ELECTRICALLY ALTERABLE ROM
logo
OPTEK Technologies
OPF370A OPTEK-OPF370A Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
logo
Astec America, Inc
HPS35 ASTEC-HPS35 Datasheet
1Mb / 5P
350-1400 Watts
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
logo
TAI-SAW TECHNOLOGY CO.,...
TA1444A TAI-SAW-TA1444A Datasheet
710Kb / 8P
SAW Filter 1400 MHz
TA1444B TAI-SAW-TA1444B Datasheet
226Kb / 8P
SAW Filter 1400 MHz
logo
Soshin electric Co., Lt...
ARP-4170400-D1 SOSHIN-ARP-4170400-D1 Datasheet
290Kb / 3P
20dB Directional Coupler 1400-2700MHz
logo
HARTING Technology Grou...
10-40-291-1009 HARTING-10-40-291-1009 Datasheet
620Kb / 2P
Han HPR HPTC 1400 DS
2021-11-05
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com