| Moteur de recherche de fiches techniques de composants électroniques |
|
PHAT-RV Fiches technique(PDF) 23 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PHAT-RV Fiches technique(HTML) 23 Page - List of Unclassifed Manufacturers |
|
23 / 27 page ![]() pHAT Module Series pHAT-RV Technical Description pHAT-RV Technical Description Page 23 of 27 4.3 Current Consumption Normal values for current consumption are listed in the following table . Table 12: Current Consumption Parameter Min. Typ. Max. Unit Battery Current – No R-Pi connected 4 mA Battery Current – Powering R-Pi Zero (no peripherals) 100 mA Battery Current – Powering R-Pi Zero (HDMI + USB keyboard) 250 mA Battery Current – All steppers and servos running 3 A |