Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF40192B Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce HCF40192B
Description  PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40192B Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button HCF40192B Datasheet HTML 7Page - STMicroelectronics HCF40192B Datasheet HTML 8Page - STMicroelectronics HCF40192B Datasheet HTML 9Page - STMicroelectronics HCF40192B Datasheet HTML 10Page - STMicroelectronics HCF40192B Datasheet HTML 11Page - STMicroelectronics HCF40192B Datasheet HTML 12Page - STMicroelectronics HCF40192B Datasheet HTML 13Page - STMicroelectronics HCF40192B Datasheet HTML 14Page - STMicroelectronics HCF40192B Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PLCC20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
9.78
10.03
0.385
0.395
B
8.89
9.04
0.350
0.356
D
4.2
4.57
0.165
0.180
d1
2.54
0.100
d2
0.56
0.022
E
7.37
8.38
0.290
0.330
e
1.27
0.050
e3
5.08
0.200
F
0.38
0.015
G
0.101
0.004
M
1.27
0.050
M1
1.14
0.045
P027A
HCC/HCF40192B/193B
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15