| Moteur de recherche de fiches techniques de composants électroniques |
|
HCC4016BF Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4016BF Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 15 page ![]() SCHEMATIC DIAGRAM 1 OF 4 IDENTICAL SECTION STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions) Test Conditions Value V C =V SS V DD T Low* 25 °CT Hig h* Symbol Parameter V DD (V) (V) Mi n. Max. Min. Typ. Max. Min. Max. Unit I L Quiescent Device Current (all switches on or all switches off) HCC Types 5 0.25 0.01 0.25 7.5 µA 10 0.5 0.01 0.5 15 15 1 0.01 1 30 20 5 0.02 5 150 HCF Types 5 1 0.01 1 7.5 10 2 0.01 2 15 15 4 0.01 4 30 SWI TCH V IS RON Resistance HCC R L =10k Ω• + 7.5 – 7.5 + 7.5 – 7.5 ± 0.25 360 360 775 200 200 280 400 400 850 600 600 1230 Ω HCF + 7.5 – 7.5 ± 0.25 370 370 790 200 200 280 400 400 850 520 520 1080 HCC R L =10k Ω• +5 – 5 +5 –5 ± 0.25 600 600 1870 250 250 580 660 660 2000 960 960 2600 HCF +5 –5 ± 0.25 610 610 1900 250 250 580 660 660 2000 840 840 2380 *TLow=– 55 °Cfor HCC device : – 40°Cfor HCF device. *THigh=+125 °C for HCC device : + 85°C for HCF device. HCC/HCF4016B 3/15 |