| Moteur de recherche de fiches techniques de composants électroniques |
|
ESR Fiches technique(PDF) 4 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
ESR Fiches technique(HTML) 4 Page - Rohm |
|
4 / 7 page ![]() ESR series Datasheet ● Tape dimensions ■ Paper tape (Unit : mm) Part No. W F E A0 B0 ESR01 8.0±0.3 3.5±0.05 1.75±0.1 0.7±0.1 1.2±0.1 ESR03 8.0±0.3 3.5±0.05 1.75±0.1 1.1±0.1 1.9±0.1 ESR10 8.0±0.3 3.5±0.05 1.75±0.1 1.65 +0.2 -0.1 2.4 +0.2 -0.1 ESR18 8.0±0.3 3.5±0.05 1.75±0.1 1.95 +0.1 -0.05 3.5 +0.15 -0.05 Part No. D0 P0 P1 P2 T2 ESR01 Φ1.5 +0.1 0 4.0±0.1 2.0±0.05 2.0±0.05 MAX1.1 ESR03 Φ1.5 +0.1 0 4.0±0.1 4.0±0.1 2.0±0.05 MAX1.1 ESR10 Φ1.5 +0.1 0 4.0±0.1 4.0±0.1 2.0±0.05 MAX1.1 ESR18 Φ1.5 +0.1 0 4.0±0.1 4.0±0.1 2.0±0.05 MAX1.1 ■ Embossed tape (Unit : mm) Part No. W F E A0 B0 ESR25 8.0±0.3 3.5±0.05 1.75±0.1 3.0±0.1 3.5±0.1 D0 P0 P1 P2 T2 Φ1.5 +0.1 0 4.0±0.1 4.0±0.1 2.0±0.05 MAX1.1 ● Reel dimensions Using two kinds of reels for taping. (Unit : mm) Part No. A B C D ESR01 Φ180 0 -1.5 Φ60 +1 0 9 +1.0 0 Φ13±0.2 ESR03 ESR10 ESR18 ESR25 www.rohm.com © 2020 ROHMCo., Ltd. All rights reserved. 4/4 2020.07 - Rev.J |