| Moteur de recherche de fiches techniques de composants électroniques |
|
PA02011 Fiches technique(PDF) 2 Page - Polymaker Industrial |
|
|
|||||||||||||||||||||||||||||
PA02011 Fiches technique(HTML) 2 Page - Polymaker Industrial |
|
2 / 2 page ![]() Nov. 2018 Technical Data Sheet Version 4.0 www.polymaker.com Tensile testing specimen; ASTM D638 (ISO 527, GB/T 1040) Flexural testing specimen; ASTMD790 (ISO 178, GB/T 9341) Impact testing specimen; ASTM D256 (ISO 179, GB/T 1043) Disclaimer: The typical values presented in this data sheet are intended for reference and comparison purposes only. They should not be used for design specifications or quality control purposes. Actual values may vary significantly with printing conditions. End- use performance of printed parts depends not only on materials, but also on part design, environmental conditions, printing conditions, etc. Product specifications are subject to change without notice. Each user is responsible for determining the safety, lawfulness, technical suitability, and disposal/recycling practices of Polymaker materials for the intended application. Polymaker makes no warranty of any kind, unless announced separately, to the fitness for any use or application. Polymaker shall not be made liable for any damage, injury or loss induced from the use of Polymaker materials in any application. 4*R25 150.00 114.00 80.00 Z axis 60.00 80.00 Z axis 45.00° 80.00 Z axis Impact direction |