Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC02003 Fiches technique(PDF) 2 Page - Polymaker Industrial

No de pièce PC02003
Description  PolyMax™ PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POLYMAKER [Polymaker Industrial]
Site Internet  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

PC02003 Fiches technique(HTML) 2 Page - Polymaker Industrial

  PC02003 Datasheet HTML 1Page - Polymaker Industrial PC02003 Datasheet HTML 2Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nov. 2018
Technical Data Sheet
Version 4.1
www.polymaker.com
Tensile testing specimen; ASTM D638 (ISO 527, GB/T 1040)
Flexural testing specimen; ASTMD790 (ISO 178, GB/T 9341)
Impact testing specimen; ASTM D256 (ISO 179, GB/T 1043)
Disclaimer:
The typical values presented in this data sheet are intended for reference and comparison purposes only. They
should not be used for design specifications or quality control purposes. Actual values may vary significantly with printing
conditions. End- use performance of printed parts depends not only on materials, but also on part design, environmental
conditions, printing conditions, etc. Product specifications are subject to change without notice.
Each user is responsible for determining the safety, lawfulness, technical suitability, and disposal/recycling
practices of Polymaker materials for the intended application. Polymaker makes no warranty of any kind, unless
announced separately, to the fitness for any use or application. Polymaker shall not be made liable for any damage, injury
or loss induced from the use of Polymaker materials in any application.
4*R25
150.00
114.00
80.00
Z axis
60.00
80.00
Z axis
45.00°
80.00
Z axis
Impact direction



Html Pages

1 2