Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K24C020-RIT-A Fiches technique(PDF) 12 Page - Estek Electronics Co. Ltd

No de pièce K24C020-RIT-A
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESTEK [Estek Electronics Co. Ltd]
Site Internet  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C020-RIT-A Fiches technique(HTML) 12 Page - Estek Electronics Co. Ltd

Back Button K24C020-RIT-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C020-RIT-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C020-RIT-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C020-RIT-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C020-RIT-A Datasheet HTML 9Page - Estek Electronics Co. Ltd K24C020-RIT-A Datasheet HTML 10Page - Estek Electronics Co. Ltd K24C020-RIT-A Datasheet HTML 11Page - Estek Electronics Co. Ltd K24C020-RIT-A Datasheet HTML 12Page - Estek Electronics Co. Ltd K24C020-RIT-A Datasheet HTML 13Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
P R O M
Ordering Information
1.Prefix
2.Series Name
24: Two-wire (I2C) Interface
3.EEPROM Density
C02=2K bits
C04=4K bits
C08=8K bits
C16=16K bits
4.Design Option
o=
(Blank)
5.Package Type
D = DIP
S = SOP
R = TSSOP
W = Wafer/die
6. Temperature Range
C = Com Temp(0 。C-70 。C)
I = Ind Temp(-40 。C-85 。C)
E = Exp Temp(-40 。C-125 。C)
7.Pack Type
T = Tube
R = Tape & Reel
8.Plating Technology
Blank = Standard SnPb plating
G = ECOPACK(RoHS compliant)
9.Operating Voltage
S=2.7~5.5
A=1.8~5.5
K
24
XXX
X
-
X X X X
-
X
1
2
3
4
5
6
7
8
9
Code Number
Part Number
Product Datasheet Change Notice
1.0
Datasheet
Jan., 2007
Version
Content
Date
Datasheet Revision History
12
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com