Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54AWFILM Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce BAT54AWFILM
Description  Small signal Schottky diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54AWFILM Fiches technique(HTML) 5 Page - STMicroelectronics

  BAT54AWFILM Datasheet HTML 1Page - STMicroelectronics BAT54AWFILM Datasheet HTML 2Page - STMicroelectronics BAT54AWFILM Datasheet HTML 3Page - STMicroelectronics BAT54AWFILM Datasheet HTML 4Page - STMicroelectronics BAT54AWFILM Datasheet HTML 5Page - STMicroelectronics BAT54AWFILM Datasheet HTML 6Page - STMicroelectronics BAT54AWFILM Datasheet HTML 7Page - STMicroelectronics BAT54AWFILM Datasheet HTML 8Page - STMicroelectronics BAT54AWFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID5505 Rev 12
5/15
BAT54
Package information
15
2
Package information
Epoxy meets UL94, V0
Lead-free packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 11. SOD123 dimension definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15