Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54CWFILM Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce BAT54CWFILM
Description  Small signal Schottky diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54CWFILM Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button BAT54CWFILM Datasheet HTML 2Page - STMicroelectronics BAT54CWFILM Datasheet HTML 3Page - STMicroelectronics BAT54CWFILM Datasheet HTML 4Page - STMicroelectronics BAT54CWFILM Datasheet HTML 5Page - STMicroelectronics BAT54CWFILM Datasheet HTML 6Page - STMicroelectronics BAT54CWFILM Datasheet HTML 7Page - STMicroelectronics BAT54CWFILM Datasheet HTML 8Page - STMicroelectronics BAT54CWFILM Datasheet HTML 9Page - STMicroelectronics BAT54CWFILM Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Package information
BAT54
6/15
DocID5505 Rev 12
Figure 12. SOD123 footprint dimensions in mm (inches)
Table 6. SOD123 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.45
0.057
A1
0
0.10
0
0.004
A2
0.85
1.35
0.033
0.053
b0.55
0.022
c0.15
0.039
D
2.55
2.85
0.1
0.112
E
1.4
1.70
0.055
0.067
G0.25
0.01
H
3.55
3.75
0.14
0.148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15