Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT48RL Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce BAT48RL
Description  Small signal Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT48RL Fiches technique(HTML) 6 Page - STMicroelectronics

  BAT48RL Datasheet HTML 1Page - STMicroelectronics BAT48RL Datasheet HTML 2Page - STMicroelectronics BAT48RL Datasheet HTML 3Page - STMicroelectronics BAT48RL Datasheet HTML 4Page - STMicroelectronics BAT48RL Datasheet HTML 5Page - STMicroelectronics BAT48RL Datasheet HTML 6Page - STMicroelectronics BAT48RL Datasheet HTML 7Page - STMicroelectronics BAT48RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
BAT48
6/8
Doc ID 12634 Rev 2
Figure 10.
SOD-323 footprint (dimensions in mm)
Table 7.
SOD-323 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.17
0.046
A1
0
0.1
0
0.004
b
0.25
0.44
0.01
0.017
c
0.1
0.25
0.004
0.01
D
1.52
1.8
0.06
0.071
E
1.11
1.45
0.044
0.057
H
2.3
2.7
0.09
0.106
L
0.1
0.46
0.004
0.02
Q1
0.1
0.41
0.004
0.016
Table 8.
DO-35 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
3.05
4.50
0.120
0.177
B
1.53
2.00
0.060
0.079
C
12.7
0.500
D
0.458
0.558
0.018
0.022
H
b
D
E
A1
A
L
Q1
c
3.20
0.54
1.08
1.06
1.06
ØB
ØD
A
CC



Html Pages

1 2 3 4 5 6 7 8